Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
16
2.2
USB Transceiver (15 pins)
Signal Name
Pin
Type
Description
DP
56
I/O
High Speed USB Data Port.
DP is the high speed positive differential data signal of the USB data port.
This pin connects directly to the USB connector.
DM
58
I/O
High Speed USB Data Port.
DM is the high speed negative differential data signal of the USB data
port. This pin connects directly to the USB connector.
RSDP
55
I/O
Full Speed USB Data Port.
RSDP is the full speed positive differential data signal of the USB data
port. This pin connects through a 35.7 ohm +/- 1% resistor to the USB
connector.
RSDM
59
I/O
Full Speed USB Data Port.
RSDM is the full speed negative differential data signal of the USB data
port. This pin connects through a 35.7 ohm +/- 1% resistor to the USB
connector.
RPU
53
O
DP Pull Up Resistor. Connect to DP pin through a 1.5K resistor.
RREF
49
I
Reference Resistor. Connect 9.09K +/- 1% resistor to analog ground.
The typical voltage on this pin is 1.27 volts.
AVDD
51
Power
Analog Supply Voltage. Connect to analog 3.3 V.
AVSS
50, 52
Ground
Analog Ground. Connect to analog ground.
PVDD
62
Power
PLL Supply Voltage. Connect to analog 3.3 V.
PVSS
61
Ground
PLL Ground. Connect to analog ground.
VDD
57
Power
Digital Supply Voltage. Connect to 3.3 V.
VSS
54, 60, 63
Ground
Digital Ground. Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com