Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 68Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 69Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 70Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 71Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 72Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 73Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 74Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
71
Get Configuration Descriptor (continued)
Offset
Number of
Bytes
Description
Suggested Value
Bulk OUT Endpoint 1 Descriptor
0
1
Size of this descriptor
07h
1
1
Descriptor Type (endpoint)
05h
2
1
Endpoint Address
bit 7 = direction (1 = IN, 0 = OUT)
bits 6:4 = reserved
bits 3:0 = endpoint number
01h
3
1
Endpoint Attributes
bits 7:2 = reserved
bits 1:0
00 = Control
01 = Isochronous
10 = Bulk
11 = Interrupt
02h
4
2
Maximum packet size of this endpoint
0200h
6
1
Maximum NAK rate of the endpoint.
Determined by Local CPU
Interrupt IN Endpoint 2 Descriptor
0
1
Size of this descriptor
07h
1
1
Descriptor Type (endpoint)
05h
2
1
Endpoint Address
bit 7 = direction (1 = IN, 0 = OUT)
bits 6:4 = reserved
bits 3:0 = endpoint number
82h
3
1
Endpoint Attributes
bits 7:2 = reserved
bits 1:0
00 = Control
01 = Isochronous
10 = Bulk
11 = Interrupt
03h
4
2
bits 10:0 = Maximum packet size of this endpoint.
(Determined by the EP_MAXPKT registers).
bits 12:11 = Number of additional transaction
opportunities per microframe:
00 = None (1 transaction per microframe)
01 = 1 additional (2 per microframe)
10 = 2 additional (3 per microframe)
11 = Reserved
Bits 15:13 = reserved
0008h
6
1
Interval for polling endpoint
Determined by Local CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com