Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 68Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
65
8.6.11 (Address 0Fh; EP_RSPSET) Endpoint Response Register Set
Note: Writing a 1 to bits 7:0 sets the corresponding register bits.
Bits
Description
Read
Write
Default
Value
7
Alt NAK OUT Packets.
Yes
Yes/Set
0
6
Hide Status Phase.
Yes
Yes/Set
0
5
Auto Validate.
Yes
Yes/Set
1
4
Interrupt Mode.
Yes
Yes/Set
0
3
Control Status Phase Handshake.
Yes
Yes/Set
0
2
NAK OUT Packets Mode.
Yes
Yes/Set
1
1
Endpoint Toggle.
Yes
Yes/Set
0
0
Endpoint Halt.
Yes
Yes/Set
0
8.6.12 (Address 28h; EP_MAXPKT0) Max Packet Size (low byte)
Bits
Description
Read
Write
Default
Value
7:0
EP_MAXPKT[7:0]. This field determines the Endpoint Maximum Packet Size.
Yes
Yes
EP0 = 64
EPA = 512
EPB = 512
EPC = 64
8.6.13 (Address 29h; EP_MAXPKT1) Max Packet Size (high byte)
Bits
Description
Read
Write
Default
Value
7:3
Reserved
0
No
0
2:0
EP_MAXPKT[10:8].
Yes
Yes
EP0 = 64
EPA = 512
EPB = 512
EPC = 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com