Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
52
8.4.6 (Address 1Ch; DMAREQ) DMA Request Control Register
Bits
Description
Read
Write
Default
Value
7
DMA Buffer Valid. When clear, the buffer will not be automatically validated at
the end of a DMA transfer. When set, the buffer is automatically validated at the end
of a DMA if EOT is asserted. This bit only applies to IN endpoints.
Yes
Yes
0
6
DMA Request. This status bit reflects the state of the DREQ output pin, and allows
a CPU on the local bus to monitor DMA transfers.
Yes
No
0
5
DMA Request Enable. Writing a 1 to this bit enables the NET2270 to start
requesting DMA cycles from a DMA controller on the local bus. If the EOT input is
asserted, or the EP_TRANSFER counter reaches zero, this bit is automatically reset.
A CPU on the local bus may also explicitly reset this bit to terminate a DMA
transfer. If the CPU writes a 0 to the EP_TRANSFER0 register of the endpoint
selected by Page Select, this bit is cleared. This bit can be read to determine whether
a DMA transfer is still in progress.
Yes
Yes
0
4
DMA Control DACK. When clear, only DACK is used to perform DMA read and
write transactions. When set, IOR# and IOW# (or DMARD# and DMAWR# for
split mode DMA) control signals are used with DACK to perform DMA read and
write transactions.
Yes
Yes
0
3
EOT Polarity. When clear, the EOT input pin is active low. When set, the EOT
input pin is active high.
Yes
Yes
0
2
DACK Polarity. When clear, the DACK input pin is active low. When set, the
DACK input pin is active high.
Yes
Yes
0
1
DREQ Polarity. When clear, the DREQ output pin is active low. When set, the
DREQ output pin is active high.
Yes
Yes
1
0
DMA Endpoint Select. This field determines which endpoint is being accessed
during a DMA channel transfer.
Value
Endpoint used during DMA
0
Endpoint A
1
Endpoint B
Yes
Yes
0
8.4.7 (Address 1Dh; SCRATCH) Scratchpad Register
Bits
Description
Read
Write
Default
Value
7:0
SCRATCH. General-purpose scratchpad register.
Yes
Yes
5Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com