Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 3Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 4Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 5Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 6Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 7Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 8Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 9Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 10Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
7
1
Introduction
1.1
Features
USB Specification Version 2.0 Compliant (high and full speed)
Interfaces between a local CPU bus and a USB bus
Supports USB Full Speed (12 Mb/sec) and High Speed (480 Mb/sec)
Supports optional Split Bus DMA, with dedicated DMA and CPU access
Provides 3 Configurable Endpoints, in addition to Endpoint 0
Each endpoint can be Isochronous, Bulk, or Interrupt, as well as IN or OUT
Supports Max Packet Size up to 1K bytes, double buffered
Internal 2 Kbyte memory provides transmit and receive buffers
Local CPU bus easily interfaces to generic CPUs
8-bit or 16-bit CPU or DMA bus transfers
Multiple register address modes supports both direct and indirect register addressing
Automatic retry of failed packets
Diagnostic register allows forced USB errors
Software controlled disconnect allows re-enumeration
Atomic operation to set and clear status bits, simplifying software
Low power CMOS in 64 Pin Plastic TQFP Package
30 MHz oscillator with internal phase-lock loop multiplier
Provides an output clock to the local bus - 8 programmable frequencies from OFF to 60 MHz
3.3V operating voltage with 5V tolerant I/O
1.2
Overview
The NET2270 USB Interface Controller allows control, isochronous, bulk and interrupt transfers between
a local bus and a Universal Serial Bus (USB). The NET2270 supports the Device side of a connection
between a USB host computer and intelligent peripherals such as image scanners, printers, and digital
cameras.
The six main modules of the NET2270 are the USB Transceiver, Serial Interface Engine, USB Protocol
Controller, Endpoint Packet Buffers, Local Bus Interface, and the Configuration Registers.
USB Transceiver:
Supports Full Speed (12 MHz) or High Speed (480 MHz) operation.
Serial data transmitter and receiver.
Parallel data interface to SIE.
Single parallel data clock output with on-chip PLL to generate higher speed serial data clocks
Data and clock recovery from USB serial data stream.
SYNC/EOP generation and checking.
Bit-stuffing/unstuffing; bit stuff error detection
Logic to facilitate Resume signaling
Logic to facilitate Wake Up and Suspend detection
Ability to switch between Full-Speed and High-Speed terminations/signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com