Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 74Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 75Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 76Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 77Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 78Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 79Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 80Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 81Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
78
10.3.2 USB Full Speed DC Specifications
Operating Conditions: VDD: 3.3V ± 5% and TA = 0°C to 70°C
All typical values are at VDD = 3.3V and TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input high level (driven)
Note 4
2.0
V
VIHZ
Input high level (floating)
Note 4
2.7
3.6
V
VIL
Input low level
Note 4
0.8
V
VDI
Differential Input Sensitivity
| (D+) - (D-) |
0.2
V
VCM
Differential Common Mode
Range
Includes VDI range
0.8
2.5
V
VOL
Output low level
Notes 4,5
0.0
0.3
V
VOH
Output high level (driven)
Notes 4,6
2.8
3.6
V
VSE1
Single ended one
0.8
V
VCRS
Output signal crossover voltage
Note 10
1.3
2.0
V
CIO
I/O Capacitance
Pin to GND
20
pF
10.3.3 USB High Speed DC Specifications
Operating Conditions: VDD: 3.3V ± 5% and TA = 0°C to 70°C
All typical values are at VDD = 3.3V and TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VHSSQ
High-speed squelch detection
threshold (differential signal
amplitude)
100
150
mV
VHSDSC
High-speed disconnect detection
threshold (differential signal
amplitude)
525
625
mV
High-speed differential input
signaling levels
Specified by eye patterns
VHSCM
Hip-speed data signaling common
mode voltage range
-50
500
mV
VHSOI
High-speed idle level
-10
10
mV
VHSOH
High-speed data signaling high
360
440
mV
VHSOL
High-speed data signaling low
-10
10
mV
VCHIPRJ
Chirp J level (differential voltage)
700
1100
mV
VCHIPRK
Chirp K level (differential voltage)
-900
-500
mV
CIO
I/O Capacitance
Pin to GND
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com