Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
57
8.5.8 (Address 33h; XCVRDIAG) Transceiver Diagnostic Register
Bits
Description
Read
Write
Default
Value
7
Full Speed Receive SE0. High when a single-ended zero is detected in full- speed
mode.
Yes
No
-
6
Full Speed Receive Data. High when received data is a J (idle), and low when
received data is a K (resume) in full- speed mode.
Yes
No
-
5:4
IOST[1:0]
Value
Description
00
High-speed normal operation
01
High-speed K
10
High-speed J
11
High-speed high impedance
Yes
No
--
3
Force High Speed. When this bit is high, the transceiver is forced into high-speed
mode (480 Mbps).
Yes
Yes
0
2
Force Full Speed. When this bit is high, the transceiver is forced into full-speed
mode (12 Mbps).
Yes
Yes
0
1
Reserved.
Yes
No
0
0
RPU Disable. When low, the Full-speed pull-up resistor on DP is enabled (RPU pin
set high).
When high, the Full-speed pull-up resistor on DP is disabled (RPU pin
tri-stated).
Yes
No
1
8.5.9 (Address 40h; SETUP0) Setup Byte 0
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 0. This register provides byte 0 of the last setup packet received. For a
Standard Device Request, the following bmRequestType information is returned.
Refer to section 9.3 of the USB 2.0 specification.
Bit
Description
7
Direction: 0 = host to device; 1 = device to host
6:5
Type: 0 = Standard, 1 = Class, 2 = Vendor, 3 = Reserved
4:0
Recipient: 0 = Device, 1 = Interface, 2 = Endpoint, 3 = Other,
4-31 = Reserved
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com