Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
60
8.6
Endpoint Registers
There are 4 sets of endpoint registers, one for each endpoint. To access an endpoint, set the Page Select field of the
PAGESEL register to the desired endpoint, then read or write to an endpoint register as defined below. Status bits
associated with an endpoint packet buffer (Buffer Full, Buffer Empty, etc), are only valid for the currently visible
buffer. The currently visible buffer is the one that is currently being written to or read from by the local bus.
8.6.1 (Address 05h; EP_DATA) Endpoint Data
Note: If DMA Request is enabled, then this register accesses the endpoint buffer selected by DMA Endpoint Select,
rather than Page Select.
Bits
Description
Read
Write
Default
Value
15:8
Endpoint Data (High Order byte).
When operating with a bus width of 16 bits,
bits [15:8] of this register provide the high order byte.
Yes
Yes
0
7:0
Endpoint Data (Low Order byte). When operating with a bus width of 8 bits, bits
[7:0] of this register provide the data for the buffer transaction (read or write). When
operating with a bus width of 16 bits, bits [7:0] of this register provide the low order
byte.
Yes
Yes
0
8.6.2 (Address 06h; EP_STAT0) Endpoint Status Register (low byte)
Note: If DMA Request is enabled, then the Buffer Full and Buffer Empty bits correspond to the endpoint buffer
selected by DMA Endpoint Select, rather than Page Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com