Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 80Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 81Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 82Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 83Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 84Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 85Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 86Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 87Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
84
10.4.5 Local Bus Non-Multiplexed Read
Operating Conditions: VDD: 3.3V ± 5%, TA = 0°C to 70°C, Output Load = 25pF
NAME
DESCRIPTION
MIN
MAX
UNIT
T4
Address setup to read enable*
-3
ns
T5
Address hold from end of read enable*
-2
ns
T6
Data access time from read enable*
35
ns
T7
Data tri-state time from end of read enable*
0
10
ns
T8A
Recovery Time to next read
33
ns
T8B
Recovery Time to next write
33
ns
* Read enable is the occurrence of both CS# and IOR#.
T5
T5
T4
T4
T8A
T6
T7
T6
T7
A0
A1
D0
D1
0ns
50ns
100ns
150ns
200ns
LA[4:0]
CS# & IOR#
LD[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com