Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 68Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 69Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
66
8.6.14 (Address 2Ah; EP_CFG) Endpoint Configuration Register
NOTE: For Endpoint 0, all fields in this register, except Endpoint Direction, are assigned to fixed values, and are
RESERVED.
Bits
Description
Read
Write
Default
Value
7
Endpoint Enable. When set, this bit enables this endpoint. This bit has no effect on
Endpoint 0, which is always enabled.
Yes
Yes
0
6:5
Endpoint Type. This field selects the type of this endpoint. Endpoint 0 is forced to a
Control type.
Value
Description
0
Reserved
1
Isochronous
2
Bulk
3
Interrupt
Yes
Yes
0
4
Endpoint Direction. This bit selects the direction of the endpoint selected by Page
Select. EP_DIR = 0 means Host OUT to Device, while EP_DIR = 1 means Host IN
from Device. Endpoint 0 is bi-directional, and uses this bit for a test mode. When
set, endpoint packet buffers can be read back for diagnostics. Note that a maximum
of one OUT and IN endpoint is allowed for each endpoint number.
For endpoint 0, this bit is dynamic, and depends on the direction bit in the last Setup
packet.
Yes
Yes
0
3:0
Endpoint Number. This field selects the number of the endpoint. Valid numbers are
0 to 15. This field has no effect on Endpoint 0, which always has an endpoint
number of 0.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com