Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
63
8.6.7 (Address 0Bh; EP_IRQENB) Endpoint Interrupt Enable Register
Bits
Description
Read
Write
Default
Value
7:5
Reserved.
0
No
0
4
Short Packet Transferred Interrupt Enable. When set, this bit enables a local
interrupt to be set when a short data packet has been transferred to/from the host.
Yes
Yes
0
3
Data Packet Received Interrupt Enable. When set, this bit enables a local interrupt
to be set when a data packet has been received from the host.
Yes
Yes
0
2
Data Packet Transmitted Interrupt Enable. When set, this bit enables a local
interrupt to be set when a data packet has been transmitted to the host.
Yes
Yes
0
1
Data OUT Token Interrupt Enable. When set, this bit enables a local interrupt to
be set when a Data OUT token has been received from the host.
Yes
Yes
0
0
Data IN Token Interrupt Enable. When set, this bit enables a local interrupt to be
set when a Data IN token has been received from the host.
Yes
Yes
0
8.6.8 (Address 0Ch: EP_AVAIL0) Endpoint Available Count (low byte)
Note: If DMA Request is enabled, then the value in this register corresponds to the endpoint buffer selected by DMA
Endpoint Select, rather than Page Select.
Bits
Description
Read
Write
Default
Value
7:0
EP_AVAIL[7:0]. For an OUT endpoint, this register returns the number of valid
bytes in the endpoint packet buffer. Values range from 0 (empty) to 1024 (full).
For an IN endpoint, this register returns the number of empty bytes in the packet
buffer. Values range from 0 (full) to 1024 (empty). This field is updated either after
2 bytes have been written to the buffer, or when the buffer has been validated.
If only the low byte of this field is read, the entire 11-bit field is frozen until the
upper byte is read.
Yes
No
0
8.6.9 (Address 0Dh: EP_AVAIL1) Endpoint Available Count (high byte)
Bits
Description
Read
Write
Default
Value
7:3
Reserved.
Yes
No
0
2:0
EP_AVAIL[10:8].
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com