Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
55
8.5
USB Control Registers
8.5.1 (Address 18h; USBCTL0) USB Control Register (low byte)
Bits
Description
Read
Write
Default
Value
7:6
Reserved
Yes
Yes
11
5
USB Root Port Wakeup Enable. When clear, the wake-up condition is not
detected. When set, the root port wake-up condition is detected when activity is
detected on the USB.
Yes
Yes
1
4
Reserved.
Yes
Yes
0
3
USB Detect Enable. When clear, the NET2270 does not appear to be connected to
the USB host. When set, the NET2270 appears to be connected to the USB host.
This bit should not be set until the configuration registers have been programmed.
When operating as a bus-powered device, the registers should be programmed and
this bit should be set promptly after VBUS has been detected.
Yes
Yes
0
2
Reserved.
Yes
No
0
1
I/O Wakeup Enable. When clear, asserting CS# will not cause a device remote
wakeup. When set, this bit enables the assertion of CS# to initiate a device remote
wakeup.
Yes
Yes
0
0
Reserved.
Yes
No
0
8.5.2 (Address 19h; USBCTL1) USB Control Register (high byte)
Bits
Description
Read
Write
Default
Value
7:4
Reserved.
0
No
0
3
Generate Resume. Writing a 1 to this bit causes a Resume sequence to be initiated
to the host if device remote wakeup is enabled. This bit should be written after a
device remote wakeup has been generated (CS# pin asserted). This bit is self-
clearing, and reading always returns a 0.
No
Yes/
Resume
0
2
USB High Speed. When set, this bit indicates that the transceiver is operating in
high speed (480 Mbits/sec) mode.
Yes
No
0
1
USB Full Speed. When set, this bit indicates that the transceiver is operating in full
speed (12 Mbits/sec) mode.
Yes
No
0
0
VBUS pin. This bit indicates the state of the VBUS pin. When set, this bit indicates
that the NET2270 is connected to the USB.
Yes
No
0
8.5.3 (Address 1Ah; FRAME0) Frame Counter (low byte)
Bits
Description
Read
Write
Default
Value
7:0
FRAME[7:0]. This field contains the frame counter from the most recent start-of-
frame packet.
Yes
No
0
8.5.4 (Address 1Bh; FRAME1) Frame Counter (high byte)
Bits
Description
Read
Write
Default
Value
7:3
Reserved.
0
No
0
2:0
FRAME[10:8]. This field contains the frame counter from the most recent start-of-
frame packet.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com