Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 73Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 74Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 75Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 76Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 77Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 78Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 79Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 80Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
77
10.3 DC Specifications
10.3.1 Core DC Specifications
Operating Conditions: VDD: 3.3V ± 5% and TA = 0°C to 70°C
All typical values are at VDD = 3.3V and TA = 25°C
10.3.1.1 Disconnected from USB
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD
VDD Supply Current
VDD = 3.3V
18
22
mA
10.3.1.2 Connected to USB (High Speed)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD
VDD Supply Current
VDD = 3.3V
115
138
mA
10.3.1.3 Active (High Speed)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD
VDD Supply Current
VDD = 3.3V
119
143
mA
10.3.1.4 Connected to USB (Full Speed)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD
VDD Supply Current
VDD = 3.3V
45
54
mA
10.3.1.5 Active (Full Speed)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD
VDD Supply Current
VDD = 3.3V
45
54
mA
10.3.1.6 Suspended
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD
VDD Supply Current
VDDC = 3.3V
500
600
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com