Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
58
8.5.10 (Address 41h; SETUP1) Setup Byte 1
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 1. This register provides byte 1 of the last setup packet received. For a
Standard Device Request, the following bRequest Code information is returned.
Refer to section 9.4 of the USB 2.0 specification.
Code
Description
00h
Get Status
01h
Clear Feature
02h
Reserved
03h
Set Feature
04h
Reserved
05h
Set Address
06h
Get Descriptor
07h
Set Descriptor
08h
Get Configuration
09h
Set Configuration
0Ah
Get Interface
0Bh
Set Interface
0Ch
Synch Frame
Yes
No
0
8.5.11 (Address 42h; SETUP2) Setup Byte 2
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 2. This register provides byte 2 of the last setup packet received. For a
Standard Device Request, the least significant byte of the wValue field is returned.
Refer to section 9.3.3 of the USB 2.0 specification.
Yes
No
0
8.5.12 (Address 43h; SETUP3) Setup Byte 3
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 3. This register provides byte 3 of the last setup packet received. For a
Standard Device Request, the most significant byte of the wValue field is returned.
Refer to section 9.3.3 of the USB 2.0 specification.
Yes
No
0
8.5.13 (Address 44h; SETUP4) Setup Byte 4
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 4. This register provides byte 4 of the last setup packet received. For a
Standard Device Request, the least significant byte of the wIndex field is returned.
Refer to section 9.3.4 of the USB 2.0 specification.
Yes
No
0
8.5.14 (Address 45h; SETUP5) Setup Byte 5
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 5. This register provides byte 5 of the last setup packet received. For a
Standard Device Request, the most significant byte of the wIndex field is returned.
Refer to section 9.3.4 of the USB 2.0 specification.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com