Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 29Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 30Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 31Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 32Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
29
5
USB Functional Description
5.1
USB Interface
The NET2270 is a USB function device, and as a result is always a slave to the USB host. The bit and packet level
protocols, as well as the electrical interface of the NET2270, conform to USB Specification Version 2.0. The USB
host initiates all USB data transfers to and from the NET2270 USB port. The NET2270 can be configured for up to
3 endpoints, in addition to Endpoint 0. Each endpoint can be an isochronous, bulk or interrupt type. The
configuration registers are used to program the characteristics of each endpoint. The NET2270 operates in either
Full speed (12 Mbps) or High speed (480 Mbps) modes.
5.2
USB Protocol
The packet protocol of the USB bus consists of tokens, packets, transactions, and transfers.
5.2.1 Tokens
Tokens are a type of Packet Identifier (PID), and follow the sync byte at the beginning of a token packet. The four
classic types of tokens are OUT, IN, SOF, and SETUP. In high speed mode, the NET2270 also recognizes the
PING token.
5.2.2 Packets
There are four types of packets: start-of-frame (SOF), token, data, and handshake. Each packet begins with a sync
field and a Packet Identifier (PID). The other fields vary depending on the type of packet.
An SOF packet consists of the following fields:
Sync byte (8-bits)
Packet Identifier (8-bits)
Frame Number (11-bits)
CRC (5-bits)
A token packet consists of the following fields:
Sync byte (8-bits)
Packet Identifier (8-bits)
Address (7-bits)
Endpoint (4-bits)
CRC (5-bits)
A data packet consists of the following fields: a token packet always precedes Data packets.
Sync byte (8-bits)
Packet Identifier (8-bits)
Data (n bytes)
CRC (16-bits)
A handshake packet consists of the following fields:
Sync byte (8-bits)
Packet Identifier (8-bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com