Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 29Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 30Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 31Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
28
4.6.3 DMA Split Bus Mode
In this mode, the external DMA controller is connected to LD[15:8] of the data bus, while the local CPU is
connected to LD[7:0] of the data bus. The DMA Split Bus Mode bit of the LOCCTL register enables DMA split
Bus Mode.
The split mode DMA transactions are the same as normal DMA transactions, except that DMARD# is used instead
of IOR#, and DMAWR# is used instead of IOW#. While DMA transactions are taking place using LD[15:8], the
local CPU can simultaneously access configuration registers for any endpoint.
4.6.4 Terminating DMA Transfers
The EOT signal is used to halt a DMA transfer, and is typically provided by an external DMA controller. It should
be asserted while DACK (and optionally IOR#, IOW#, DMARD#, or DMAWR#) are simultaneously active to
indicate that DMA activity has stopped. Although an EOT signal indicates that DMA has terminated, the USB
transfer (in the case of an IN transaction) is not complete until the last byte has been transferred from the endpoint’s
buffer to the USB. The EOT input resets the NET2270 DMA Request Enable bit of the DMAREQ register. When
EOT is detected, the current endpoint buffer is automatically validated, causing any remaining data in the current
packet to be sent to the host as a short packet. If there is no data in the buffer when the current buffer is validated,
then a zero length packet will be returned in response to the next IN token. The DMA Request Enable bit is also
automatically cleared when the EP_TRANSFER counter reaches zero for IN endpoints
If the external DMA controller doesn’t provide an EOT signal, the local CPU can terminate the DMA transfer at any
time by resetting the NET2270 DMA Request Enable bit. If the NET2270 DMA Request Enable bit is cleared
during the middle of a DMA cycle (only possible if using DMA split mode), the current cycle will complete before
DMA requests are terminated. The endpoint buffer is not automatically validated when the DMA Request Enable is
cleared. In this case, the CPU needs to explicitly validate the packet by writing a zero to the EP_TRANSFER
register.
4.6.5 DMA Performance
4.6.5.1 DMA Read
DREQ to DACK: 5 nsec (depends on DMA controller)
DACK asserted to DREQ de-asserted: 40 nsec
DREQ de-asserted to DREQ asserted: 16 nsec
For an 8-bit bus, the maximum performance is:
1/61 nsec = 16 Mbytes/sec
For a 16-bit bus, the maximum performance is:
2/61 nsec = 32 Mbytes/sec
The actual throughput will be reduced if the DMA controller DREQ to DACK delay is longer than 5 nsec.
4.6.5.2 DMA Write
DREQ to DACK: 5 nsec (depends on DMA controller)
DACK asserted to DREQ de-asserted: 40 nsec
DREQ de-asserted to DREQ asserted: 16 nsec
For an 8-bit bus, the maximum performance is:
1/61 nsec = 16 Mbytes/sec
For a 16-bit bus, the maximum performance is:
2/61 nsec = 32 Mbytes/sec
The actual throughput will be reduced if the DMA controller DREQ to DACK delay is longer than 5 nsec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com