Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2270 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # NET2270
Description  USB 2.0 Interface Controller
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET2270 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button NET2270 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2270 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
Specification
NET2270 USB Interface Controller
______________________________________________________________________________
 NetChip Technology, Inc., 2003
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 3.6, April 17, 2003
53
8.4.8 (Address 20h; IRQENB0) Interrupt Enable Register (low byte)
Bits
Description
Read
Write
Default
Value
7
SOF Interrupt Enable. When set, this bit enables a local interrupt to be generated
when a start-of-frame packet is received by the NET2270.
Yes
Yes
0
6
DMA Done Interrupt Enable. When set, this bit enables a local interrupt to be
generated when an EOT signal is received from the DMA controller, or when the
EP_TRANSFER counter reaches 0 during DMA writes to an IN endpoint.
Yes
Yes
0
5
Setup Packet Interrupt Enable. When set, this bit enables a local interrupt to be
generated when a setup packet has been received from the host.
Yes
Yes
0
4
Reserved.
0
No
0
3
Endpoint C Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0
2
Endpoint B Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0
1
Endpoint A Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0
0
Endpoint 0 Interrupt Enable. When set, this bit enables a local interrupt to be set
when an interrupt is active on this endpoint.
Yes
Yes
0
8.4.9 (Address 21h; IRQENB1) Interrupt Enable Register (high byte)
Bits
Description
Read
Write
Default
Value
7
Reserved.
0
No
0
6
Root Port Reset Interrupt Enable. When set, this bit enables a local interrupt to be
generated when a root port reset is detected.
Yes
Yes
0
5
Resume Interrupt Enable. When set, this bit enables a local interrupt to be
generated when a device resume has been detected.
Yes
Yes
0
4
Suspend Request Change Interrupt Enable. When set, this bit enables a local
interrupt to be generated when a change in the Suspend Request Interrupt state is
detected.
Yes
Yes
0
3
Suspend Request Interrupt Enable. When set, this bit enables a local interrupt to
be generated when a USB Suspend Request from the host is detected.
Yes
Yes
0
2
VBUS Interrupt Enable. When set, this bit enables a local interrupt to be generated
when a change has been detected on the VBUS pin.
Yes
Yes
0
1
Control Status Interrupt Enable. When set, this bit enables a local interrupt to be
generated when an IN or OUT token indicating Control Status has been received.
Yes
Yes
0
0
Reserved.
0
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com