Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 59 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 59 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 55Page - OSRAM GmbH TMG3992 Datasheet HTML 56Page - OSRAM GmbH TMG3992 Datasheet HTML 57Page - OSRAM GmbH TMG3992 Datasheet HTML 58Page - OSRAM GmbH TMG3992 Datasheet HTML 59Page - OSRAM GmbH TMG3992 Datasheet HTML 60Page - OSRAM GmbH TMG3992 Datasheet HTML 61Page - OSRAM GmbH TMG3992 Datasheet HTML 62Page - OSRAM GmbH TMG3992 Datasheet HTML 63Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Status Register (STATUS 0x93)
The read-only Status Register provides the status of the device.
Figure 58:
Status Register
765
432
1
0
CPSAT
PGSAT
PINT
AINT
PBINT
GINT
PVALID
AVALID
Field
Bits
Description
CPSAT
7
Clear Photodiode Saturation. Assertion indicates that the analog sensor
signal reached the upper end of its dynamic range. The bit can be
de-asserted by sending a Clear channel interrupt command (0xE6 CICLEAR)
or by disabling the ADC (AEN=0). This bit triggers an interrupt if CPSIEN is set.
PGSAT
6
Proximity/Gesture Saturation. Assertion indicates that an analog
saturation event occurred during a previous proximity or gesture cycle. Once
set, this bit remains set until cleared by the clear proximity interrupt
command (0xE5 PICLEAR) or by disabling Proximity (PEN=0). This bit triggers
an interrupt if PSIEN is set.
PINT
5
Proximity Interrupt. This bit triggers an interrupt if PIEN in ENABLE is set.
AINT
4
ALS Interrupt. This bit triggers an interrupt if AEN in ENABLE is set.
PBINT
3
Pattern Burst Interrupt. This bit triggers an interrupt if PBIEN in ICONFIG is
set. (Mirrors PBINT2 bit in CONFIG_A8 register)
GINT
2
Gesture Interrupt. Assertion indicates that GFVLV has become greater than
GFIFOTH or GVALID has become asserted when GMODE transitioned to zero.
The bit is reset when FIFO is completely emptied (read).
PVALID
1
Proximity Valid. Indicates that a proximity cycle has completed since PEN
was asserted or since PDATA was last read. A read of PDATA automatically
clears PVALID.
AVALID
0
ALS Valid. Indicates that an ALS cycle has completed since AEN was asserted
or since a read from any of the ALS/Color data registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com