Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 42Page - OSRAM GmbH TMG3992 Datasheet HTML 43Page - OSRAM GmbH TMG3992 Datasheet HTML 44Page - OSRAM GmbH TMG3992 Datasheet HTML 45Page - OSRAM GmbH TMG3992 Datasheet HTML 46Page - OSRAM GmbH TMG3992 Datasheet HTML 47Page - OSRAM GmbH TMG3992 Datasheet HTML 48Page - OSRAM GmbH TMG3992 Datasheet HTML 49Page - OSRAM GmbH TMG3992 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
ams Datasheet
Page 45
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Note(s):
1. Register is shared between two or more functional modules. Physically, the device contains only one buffer, addressable from 0xA0
to 0xAF, register contents become available to any engine that is simultaneously activated. Care must be taken to clear all shared
register space that does not contain controls/bits for the enabled function.
0xAA (1)
CONFIG_AA
R/W
Configuration register AA
0x00
0xAB (1)
CONFIG_AB
R/W
Configuration register AB
0x00
0xAE (1)
GFLVL
R/W
Gesture FIFO Level
0x00
0xAF (1)
GSTATUS
R/W
Gesture status
0x00
0xE3
PBCLEAR
R/W
Pattern burst Interrupt clear
0x00
0xE4
IFORCE
R/W
Force Interrupt
0x00
0xE5
PICLEAR
R/W
Proximity interrupt clear
0x00
0xE6
CICLEAR
R/W
ALS interrupt clear
0x00
0xE7
AICLEAR
R/W
Clear all non-gesture interrupts
0x00
0xFC
GFIFO_N
R
Gesture north FIFO
0x00
0xFD
GFIFO_S
R
Gesture south FIFO
0x00
0xFE
GFIFO_W
R
Gesture west FIFO
0x00
0xFF
GFIFO_E
R
Gesture east FIFO
0x00
Address
Register Name
R/W
Register Function
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com