Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 17Page - OSRAM GmbH TMG3992 Datasheet HTML 18Page - OSRAM GmbH TMG3992 Datasheet HTML 19Page - OSRAM GmbH TMG3992 Datasheet HTML 20Page - OSRAM GmbH TMG3992 Datasheet HTML 21Page - OSRAM GmbH TMG3992 Datasheet HTML 22Page - OSRAM GmbH TMG3992 Datasheet HTML 23Page - OSRAM GmbH TMG3992 Datasheet HTML 24Page - OSRAM GmbH TMG3992 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Detailed Description
Gesture detection, proximity detection, and RGBC color
sense/ambient light sense functionality are controlled by a
state machine, as depicted in Figure 32, which reconfigures
on-chip analog resources when each functional engine is
entered. Functional states/engines can be individually included
or excluded from the progression of state machine flow. Each
functional engine contains controls (E.g. Gain, ADC integration
time, wait time, persistence, thresholds, etc.) that govern
operation. Control of the Led Drive pin, LDR, is shared between
Proximity, Gesture, and Pattern Burst functionality;
consequently, while Pattern Burst functionality is activated,
Gesture and Proximity should be deactivated.
Pattern Burst functionality uses a digital core that is
independent of the analog sensor operation. The logic internal
to the digital core is activated when PBEN=1, enabling Barcode
Patterns (IRBeam) to be burst. The scanner receives the IR burst
which emulates the pattern of reflected light during scan of a
traditional paper barcode. In this operational mode the LDR pin
is exclusively acquired. If proximity or gesture engines are also
enabled, data generated will be invalid. The color/ALS engine
does not use the IR LED, but cross talk from IR LED emissions
during an optical pattern transmission may affect results.
Most of the functional engines are controlled by dedicated
registers; however, controls for Gesture, and Pattern Burst are
all accessed by the same address space: 0xA0 to 0xAF. Because
each functional block serves a different purpose and utilizes
common on-chip resources, only one may be activated at a
time. For example, if Gesture and Pattern Burst engines are both
activated simultaneously, the data stored in address 0xAx is
available to both engines, but will only cause the intended
engine to function properly.
Figure 27:
Simplified State Diagram
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com