Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 63 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 63 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 59Page - OSRAM GmbH TMG3992 Datasheet HTML 60Page - OSRAM GmbH TMG3992 Datasheet HTML 61Page - OSRAM GmbH TMG3992 Datasheet HTML 62Page - OSRAM GmbH TMG3992 Datasheet HTML 63Page - OSRAM GmbH TMG3992 Datasheet HTML 64Page - OSRAM GmbH TMG3992 Datasheet HTML 65Page - OSRAM GmbH TMG3992 Datasheet HTML 66Page - OSRAM GmbH TMG3992 Datasheet HTML 67Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
Page 62
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Configuration Three Register (CONFIG3 0x9F)
The CONFIG3 register is used to select which photodiodes are
used for proximity. Two photodiodes are paired to provide
signal. In proximity mode, North and East photodiodes are
connected forming a diode pair; similarly the South and West
photodiodes form a diode pair.
Figure 63:
Configuration Three Register
765
432
1
0
Reserved
PCMP
SAI
PMSK_N
PMSK_S
PMSK_W
PMSK_E
Field
Bits
Description
Reserved
7:6
Reserved. Bits must be set to 0.
PCMP
5
Proximity Gain Compensation Enable. This bit provides gain
compensation when proximity photodiode signal is reduced as a result of
sensor masking. If only one diode of the diode pair is contributing, then only
half of the signal is available at the ADC; this results in a maximum ADC value
of 127. Enabling PCMP enables an additional gain of 2x, resulting in a
maximum ADC value of 255.
SAI
4
Sleep After Interrupt. When enabled, the device will automatically enter
low power mode when the INT pin is asserted and the state machine has
progressed to the SAI decision block (Refer to Figure 28). Normal operation
is resumed when INT pin is cleared over I²C.
PMSK_N
3
Proximity Mask North Enable. Writing a 1 disables this photodiode.
PMSK_S
2
Proximity Mask South Enable. Writing a 1 disables this photodiode.
PMSK_W
1
Proximity Mask West Enable. Writing a 1 disables this photodiode.
PMSK_E
0
Proximity Mask East Enable. Writing a 1 disables this photodiode.
PMSK_X
(N, S, E, W)
PCMP
0,1,1,1
1
1,0,1,1
1
1,1,0,1
1
1,1,1,0
1
0,1,0,1
1
1,0,1,0
1
All Others
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com