Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 27Page - OSRAM GmbH TMG3992 Datasheet HTML 28Page - OSRAM GmbH TMG3992 Datasheet HTML 29Page - OSRAM GmbH TMG3992 Datasheet HTML 30Page - OSRAM GmbH TMG3992 Datasheet HTML 31Page - OSRAM GmbH TMG3992 Datasheet HTML 32Page - OSRAM GmbH TMG3992 Datasheet HTML 33Page - OSRAM GmbH TMG3992 Datasheet HTML 34Page - OSRAM GmbH TMG3992 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Detailed Description
Figure 34:
Gesture Controls
Note(s):
1. ENABLE<PBEN> must be low for proximity or gesture operation.
Register/Bit
Address
Description
ENABLE<PON>
0x80<0>
Power ON
ENABLE<GEN>
0x80<6>
Gesture Enable
CONFIG_A0 (GPENTH)
0xA0
Gesture Proximity Entry Threshold
CONFIG_A1 (GEXTH)
0xA1
Gesture Exit Threshold
CONFIG_A2<GFIFOTH>
0xA2<7:6>
Gesture FIFO Threshold
CONFIG_A2<GEXMSK>
0xA2<5:2>
Gesture Exit Mask
CONFIG_A2<GEXPERS>
0xA2<1:0>
Gesture Exit Persistence
CONFIG_A3<GENAL>
0xA3<7>
Gesture Enter Always
CONFIG_A3<GGAIN>
0xA3<6:5>
Gesture Gain Control
CONFIG_A3<GLDRIVE>
0xA3<4:3>
Gesture LED Drive Strength
CONFIG_A3<GWTIME>
0xA3<2:0>
Gesture Wait Time
STATUS<PGSAT>
0x93<6>
Gesture Saturation
CONFIG2<LEDBOOST>
0x90<5:4>
LED Boost
CONFIG_A4 (GOFFSET_N)
0xA4
Gesture Offset, North
CONFIG_A5 (GOFFSET_S)
0xA5
Gesture Offset, South
CONFIG_A7 (GOFFSET_W)
0xA7
Gesture Offset, West
CONFIG_A9 (GOFFSET_E)
0xA9
Gesture Offset, East
CONFIG_A6 <GPULSE>
0xA6<5:0>
Gesture Pulse Count
CONFIG_A6 <GPLEN>
0xA6<7:6>
Gesture Pulse Length
CONFIG_AA <GDIMS>
0xAA<1:0>
Gesture Dimension Select
CONFIG_AB <GIEN>
0xAB<1>
Gesture Interrupt Enable
CONFIG_AB <GMODE>
0xAB<0>
Gesture Mode
CONFIG_AE (GFLVL)
0xAE
Gesture FIFO Level
CONFIG_AF<GFOV>
0xAF<1>
Gesture FIFO Overflow
CONFIG_AF <GVALID>
0xAF<0>
Gesture Valid
GFIFO_N
0xFC
Gesture FIFO Data, North
GFIFO_S
0xFD
Gesture FIFO Data, South
GFIFO_W
0xFE
Gesture FIFO Data, West
GFIFO_E
0xFF
Gesture FIFO Data, East



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com