Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 9Page - OSRAM GmbH TMG3992 Datasheet HTML 10Page - OSRAM GmbH TMG3992 Datasheet HTML 11Page - OSRAM GmbH TMG3992 Datasheet HTML 12Page - OSRAM GmbH TMG3992 Datasheet HTML 13Page - OSRAM GmbH TMG3992 Datasheet HTML 14Page - OSRAM GmbH TMG3992 Datasheet HTML 15Page - OSRAM GmbH TMG3992 Datasheet HTML 16Page - OSRAM GmbH TMG3992 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Electrical Characteristics
Figure 13:
Proximity and Gesture Test Circuit
Proximity & Gesture Test Circuit: This circuit is used during evaluation of the device and during characterization
data collection.
Figure 14:
Wait Characteristics, VDD = 3 V, TA = 25ºC, WEN = 1 (unless otherwise noted)
Figure 15:
Pattern Generation/Burst Operating Characteristics, VDD = 3 V, TA = 25ºC (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
Wait step size
2.78
ms
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t(PBT min)
Minimum bit time
PBEN = 1
0.27
μs
TMG399x
1
3
4
5
VDD
GND
LEDA
LEDK
6
LDR
1µF
1µF
22µF
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com