Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 88 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 88 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 84Page - OSRAM GmbH TMG3992 Datasheet HTML 85Page - OSRAM GmbH TMG3992 Datasheet HTML 86Page - OSRAM GmbH TMG3992 Datasheet HTML 87Page - OSRAM GmbH TMG3992 Datasheet HTML 88Page - OSRAM GmbH TMG3992 Datasheet HTML 89Page - OSRAM GmbH TMG3992 Datasheet HTML 90Page - OSRAM GmbH TMG3992 Datasheet HTML 91Page - OSRAM GmbH TMG3992 Datasheet HTML 92Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
ams Datasheet
Page 87
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Soldering & Storage Information
Soldering Information
The module has been tested and has demonstrated an ability
to be reflow soldered to a PCB substrate.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 92:
Soldering Profile
Figure 93:
Soldering Reflow Profile Graph
Parameter
Reference
Device
Average temperature gradient in preheating
2.5 ºC/s
Soak time
tsoak
2 to 3 minutes
Time above 217 ºC (T1)t1
Max 60 s
Time above 230 ºC (T2)t2
Max 50 s
Time above Tpeak - 10 ºC (T3)t3
Max 10 s
Peak temperature in reflow
Tpeak
260 ºC
Temperature gradient in cooling
Max -5 ºC/s
Soldering & Storage
Information
(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com