Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 19Page - OSRAM GmbH TMG3992 Datasheet HTML 20Page - OSRAM GmbH TMG3992 Datasheet HTML 21Page - OSRAM GmbH TMG3992 Datasheet HTML 22Page - OSRAM GmbH TMG3992 Datasheet HTML 23Page - OSRAM GmbH TMG3992 Datasheet HTML 24Page - OSRAM GmbH TMG3992 Datasheet HTML 25Page - OSRAM GmbH TMG3992 Datasheet HTML 26Page - OSRAM GmbH TMG3992 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Detailed Description
and data collection rate. If wait is enabled, WEN=1, the delay is
adjustable from 2.78ms to 8.54s, as set by the value in the
WTIME register and WLONG control bit.
Sleep After Interrupt Operation
After all the enabled engines/operational states have executed,
causing a hardware interrupt, the state machine returns to
either IDLE or SLEEP, as selected by the Sleep After Interrupt bit,
SAI. SLEEP is entered when two conditions are met: SAI = 1, and
the INT pin has been asserted. Entering SLEEP does not
automatically change any of the register settings (E.g. PON bit
is still high, but the normal operational state is over-ridden by
SLEEP state). SLEEP state is terminated by an I2C clear of the INT
pin or if SAI bit is cleared.
Proximity Operation
The Proximity detection feature provides object detection
measurement by photodiode detection of reflected IR energy
sourced by the integrated LED. The following registers and
control bits govern proximity operation and the operational
flow is depicted inFigure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com