Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 73 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 73 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 69Page - OSRAM GmbH TMG3992 Datasheet HTML 70Page - OSRAM GmbH TMG3992 Datasheet HTML 71Page - OSRAM GmbH TMG3992 Datasheet HTML 72Page - OSRAM GmbH TMG3992 Datasheet HTML 73Page - OSRAM GmbH TMG3992 Datasheet HTML 74Page - OSRAM GmbH TMG3992 Datasheet HTML 75Page - OSRAM GmbH TMG3992 Datasheet HTML 76Page - OSRAM GmbH TMG3992 Datasheet HTML 77Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
Page 72
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Note(s):
1. The wait time register should be configured before GEN is asserted.
2. The time described by GWTIME is the actual signal integration time. The LED will be activated slightly longer (typically 1.33 μs) than
the integration time.
GWTIME
2:0
Gesture Wait Time. The GWTIME controls the amount of time in a low power
mode between gesture detection cycles
Field Value
WAIT TIME
000
0ms
001
2.8ms
010
5.6ms
011
8.4ms
100
14ms
101
22.4ms
110
30.8ms
111
39.2ms
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com