Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 49 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 45Page - OSRAM GmbH TMG3992 Datasheet HTML 46Page - OSRAM GmbH TMG3992 Datasheet HTML 47Page - OSRAM GmbH TMG3992 Datasheet HTML 48Page - OSRAM GmbH TMG3992 Datasheet HTML 49Page - OSRAM GmbH TMG3992 Datasheet HTML 50Page - OSRAM GmbH TMG3992 Datasheet HTML 51Page - OSRAM GmbH TMG3992 Datasheet HTML 52Page - OSRAM GmbH TMG3992 Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
ADC Integration Time Register (ATIME 0x81)
The ATIME Register controls the internal integration time of
ALS/Color analog to digital converters. Upon power up, the ADC
integration time register is set to 0xFF.
The maximum count (or saturation) value can be calculated
based upon the integration time and the size of the count reg-
ister (i.e. 16 bits). For ALS/Color, the maximum count will be the
lesser of either:
• 65535 (based on the 16 bit register size) or
• The result of equation: CountMAX = 1024 x CYCLES +1
Figure 47:
ADC Integration Time Register
Note(s):
1. The ATIME register is only applicable to ALS/Color engine (16-bit data). The integration time for the 8-bit Proximity/Gesture engine,
is a factor of four less than the nominal time (2.78ms), resulting in a fixed time of 0.696ms.
765
432
1
0
ATIME
Field
Bits
Description
ATIME
7:0
REGISTER VALUE
CYCLES
TIME
Max Count
0xFF
1
2.78 ms
1025
0xF6
10
27.8 ms
10241
0xDB
37
103 ms
37888
….
….
….
0xC0
64
178 ms
65535
0x00
256
712 ms
65535
256
TIME
2.78ms
------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com