Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 22Page - OSRAM GmbH TMG3992 Datasheet HTML 23Page - OSRAM GmbH TMG3992 Datasheet HTML 24Page - OSRAM GmbH TMG3992 Datasheet HTML 25Page - OSRAM GmbH TMG3992 Datasheet HTML 26Page - OSRAM GmbH TMG3992 Datasheet HTML 27Page - OSRAM GmbH TMG3992 Datasheet HTML 28Page - OSRAM GmbH TMG3992 Datasheet HTML 29Page - OSRAM GmbH TMG3992 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
ams Datasheet
Page 25
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Detailed Description
Proximity results are affected by three fundamental factors: IR
LED emission, IR reception, and environmental factors,
including target distance and surface reflectivity.
The IR reception signal path begins with IR detection from four
[directional gesture] photodiodes and ends with the 8-bit
proximity result in PDATA register. Signal from the photodiodes
is combined, amplified, and offset adjusted to optimize
performance. The same four photodiodes are used for gesture
operation as well as proximity operation. Diodes are paired to
form two signal paths: North/East and South/West. Regardless
of pairing, any of the photodiodes can be masked to exclude its
contribution to the proximity result. Masking one of the paired
diodes effectively reduces the signal by half and causes the
full-scale result to be reduced from 255 to 127. To correct this
reduction in full-scale, the proximity gain compensation bit,
PCMP, can be set, returning F.S. to 255. Gain is adjustable from
1x to 8x using the PGAIN control bits. Offset correction or
cross-talk compensation is accomplished by adjustment to the
POFFSET_NE and POFSET_SW registers. The analog circuitry of
the device applies the offset value as a subtraction to the signal
accumulation; therefore a positive offset value has the effect of
decreasing the results.
Optically, the IR emission appears as a pulse train. The number
of pulses is set by the PPULSE bits and the period of each pulse
is adjustable using the PPLEN bits. The intensity of the IR
emission is selectable using the LDRIVE control bits. These bits
correspond to four factory calibrated current levels. If a higher
intensity is required (E.g. longer detection distance or device
placement beneath dark glass) then the LEDBOOST bits can be
used to increase LDR current 150%, 200%, or 300% of LDRIVE
setting.
LED duty cycle and subsequent power consumption of the
integrated IR LED can be calculated using the following table
shown in Figure 31, and equations. If proximity events are
separated by a wait time, as set by AWAIT and WLONG, then the
total LED OFF time must be increased by the wait time.
Figure 31:
Approximate Proximity Timing
PPLEN
tINIT (µs)
tLED ON (µs)
tACC (µs)
tCNVT (µs)
4
µs
40.8
5.4
28.6
796.6
8
µs
44.9
9.5
36.73
796.6
16
µs
53.0
17.7
53.1
796.6
32
µs
69.4
34.0
85.7
796.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com