Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 66 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 66 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 62Page - OSRAM GmbH TMG3992 Datasheet HTML 63Page - OSRAM GmbH TMG3992 Datasheet HTML 64Page - OSRAM GmbH TMG3992 Datasheet HTML 65Page - OSRAM GmbH TMG3992 Datasheet HTML 66Page - OSRAM GmbH TMG3992 Datasheet HTML 67Page - OSRAM GmbH TMG3992 Datasheet HTML 68Page - OSRAM GmbH TMG3992 Datasheet HTML 69Page - OSRAM GmbH TMG3992 Datasheet HTML 70Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
ams Datasheet
Page 65
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Configuration Register A3 (CONFIG_A3),
IRBeam Mode
While IRBeam is enabled, this register defines the length of time
that the LDR pin is disabled (I.e. LED is turned OFF) between
consecutive symbol loops.
The following equation governs the time delay:
The minimum typical Inter-Symbol LED OFF time is 0.54 μs. The
maximum typical Inter-Symbol LED OFF time is 8.8 ms.
Figure 67:
Configuration Register A3
Configuration Register A4 (CONFIG_A4),
IRBeam Mode
While IRBeam is enabled, this register defines the number of
times a complete Packet is burst out of the LDR pin. A Packet
can be conceptualized as a “container” for a number of
complete Symbol Loops. The following equation describes the
calculation of the Number of Packet Loops as a function of
register setting value:
Number of Packet Loops = IPNL + 1
Figure 68:
Configuration Register A4
765
432
1
0
ISOFF
Field
Bits
Description
ISOFF
7:0
Sets the amount of LED Off time between Symbols. Sets the delay
between symbol bursts.
765
432
1
0
IPNL
Field
Bits
Description
IPNL
7:0
IRBeam Number of Packet Loops. Number of Loops.
(EQ6)
tISDT
2 ISOFF
×
() 1
+
[] tIBT
×
=
(EQ7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com