Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 31Page - OSRAM GmbH TMG3992 Datasheet HTML 32Page - OSRAM GmbH TMG3992 Datasheet HTML 33Page - OSRAM GmbH TMG3992 Datasheet HTML 34Page - OSRAM GmbH TMG3992 Datasheet HTML 35Page - OSRAM GmbH TMG3992 Datasheet HTML 36Page - OSRAM GmbH TMG3992 Datasheet HTML 37Page - OSRAM GmbH TMG3992 Datasheet HTML 38Page - OSRAM GmbH TMG3992 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Detailed Description
Figure 36:
Simplified Power Calculation
Equations
tLED ON NS = tLED ON EW = GPULSE x (GPLEN + 1.5)
tNS = tEW = 870 + GPULSE X (22 + 2 X (GPLEN + 1.5))
tGWAIT = 2.8ms X GWTIME
tTOTAL =tNS + tEW + tGWAIT
tLED x dcLED On Duty Cycle
tDevice x dc Device Duty Cycle
tWait x dc Wait Duty Cycle
Note: The “870” value is conversion time + settling time.
LDR
t
LED ON
–
NS
–
t
LED ON
–
EW
–
+
tTOTAL
----------------------------------------------------------------------------
×
=
0.790
tNS tEW
+
tTOTAL
------------------------
×
=
0.038
tGWAIT
tTOTAL
------------------
×
=
Example
Conditions
32
μs, 16pulses, 1 wait, 300mA
i DEVICE ANALOG = 0.79mA
I DEVICE DRIVE = 0.38mA
tON = 16 x 33.5 = 536 μs
tNS = 870 + 16 x (22 +(2 x 33.5))
= 2294 μs
tNSEW = 2294 + 2294 = 4586 μs
tGWAIT = 2800 μs
tTOTAL= 2800+4586 = 8400 μs
Duty Cycle LED ON = 536 + 536/7386 = 14.5%
iPower LED ON = 14.5% * 300 = 43.5mA
Duty Cycle Device = 4586/7386 = 62%
iPower Device = 62% * 0.79 = 0.490mA
Duty Cycle Wait = 2800/7386 = 38%
i POWER WAIT =38% * 0.038 = 0.014mA
i POWER TOTAL = 43.5 + 0.49 + 0.014 = 44mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com