Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 50Page - OSRAM GmbH TMG3992 Datasheet HTML 51Page - OSRAM GmbH TMG3992 Datasheet HTML 52Page - OSRAM GmbH TMG3992 Datasheet HTML 53Page - OSRAM GmbH TMG3992 Datasheet HTML 54Page - OSRAM GmbH TMG3992 Datasheet HTML 55Page - OSRAM GmbH TMG3992 Datasheet HTML 56Page - OSRAM GmbH TMG3992 Datasheet HTML 57Page - OSRAM GmbH TMG3992 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
ams Datasheet
Page 53
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Configuration Register One (CONFIG1 0x8D)
The CONFIG1 Register sets the wait long time.
Figure 52:
Configuration Register One
Note(s):
1. Bit 6 is reserved, and is automatically set to 1 at POR.
2. Bit 5 is reserved, and is automatically set to 1 at POR. If this bit is not set, power consumption will increase during wait states.
765
432
1
0
Reserved
WLONG
Reserved
Field
Bits
Description
Reserved
7
Reserved. Bits must be set to 0.
Reserved (1)
6
Reserved. Bit must be set to 1.
Reserved (2)
5
Reserved. Bit must be set to 1.
Reserved
4:2
Reserved. Bits must be set to 0.
WLONG
1
Wait Long Enable. When asserted, the wait cycles are increased by a factor
12× from that programmed in the WTIME register.
Reserved
0
Reserved. Bits must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com