Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 64 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 60Page - OSRAM GmbH TMG3992 Datasheet HTML 61Page - OSRAM GmbH TMG3992 Datasheet HTML 62Page - OSRAM GmbH TMG3992 Datasheet HTML 63Page - OSRAM GmbH TMG3992 Datasheet HTML 64Page - OSRAM GmbH TMG3992 Datasheet HTML 65Page - OSRAM GmbH TMG3992 Datasheet HTML 66Page - OSRAM GmbH TMG3992 Datasheet HTML 67Page - OSRAM GmbH TMG3992 Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
ams Datasheet
Page 63
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Configuration Register A0 (CONFIG_A0),
IRBeam Mode
While IRBeam is enabled, PBEN =1, the CONFIG_A0 register is
used for IRBeam control bit configuration.
Figure 64:
Configuration Register A0
The ISQZT bit field defines the length of time between symbols
pin. The LDR pin is set to the level defined by the ISQZL bit. The
following equation governs the time delay:
765
432
1
0
Reserved
PBIEN
SLEW
ISQZL
ISQZT
Field
Bits
Description
Reserved
7:6
Reserved. Bits must be set to 0 in IRBeam mode.
PBIEN
5
Pattern Burst interrupt enable. When PBIEN = 1 the IRBeam interrupt is
enabled.
SLEW
4
Slew Rate Control. Always =0, unless in IRBeam mode with IBT register value
less than 0x02. Slew is used to maintain LED pulse symmetry.
ISQZL
3
IRBeam Symbol Quiet Zone LDR Logic state. When ISQZL = 1 and ISQZT > 0,
LDR pin drives low with each “0” RAM pattern bit.
ISQZT
2:0
IRBeam Symbol Quiet Zone Time. This time period represents the number of
bit-times of quiet zone before and after the RAM bit pattern (symbol) is run.
FIELD VALUE
IRBeam Symbol Quiet Zone Time
000
0 bit-times (Not activated)
001
5 bit-times
010
9 bit-times
….
….
….
Number of Bit Times =
….
….
111
257 bit-times
22
ISQZT
1
+
×
(EQ4)
tISQZT
22
ISQZT
×
1
+
() tIBT
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com