Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 2Page - OSRAM GmbH TMG3992 Datasheet HTML 3Page - OSRAM GmbH TMG3992 Datasheet HTML 4Page - OSRAM GmbH TMG3992 Datasheet HTML 5Page - OSRAM GmbH TMG3992 Datasheet HTML 6Page - OSRAM GmbH TMG3992 Datasheet HTML 7Page - OSRAM GmbH TMG3992 Datasheet HTML 8Page - OSRAM GmbH TMG3992 Datasheet HTML 9Page - OSRAM GmbH TMG3992 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
ams Datasheet
Page 5
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating”
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings (all voltages with respect to GND)
Note(s):
1. Measured with LDR = OFF.
2. LDR = ON.
Symbol
Parameter
Min
Max
Units
Comments
VDD
Supply voltage
3.8
V
All voltages are with respect to GND
LEDA
Supply voltage
4.8
V
TA = 0ºC to 70ºC
4.4
V
TA = -30ºC to 85ºC
Digital I/O terminal voltage
- 0.5
3.8
V
LDR
Max voltage
4.4
V
TA = -30ºC to 85ºC
(1)
4.8
V
TA = 0ºC to 70ºC
(1)
3.8
V
TA = -30ºC to 85ºC
(2)
(SDA, INT)
Output terminal current
- 1
20
mA
TSTRG
Storage temperature range
- 40
85
ºC
ESDHBM
ESD tolerance, human
body model
±2000
V
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com