Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG3992 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # TMG3992
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG3992 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button TMG3992 Datasheet HTML 44Page - OSRAM GmbH TMG3992 Datasheet HTML 45Page - OSRAM GmbH TMG3992 Datasheet HTML 46Page - OSRAM GmbH TMG3992 Datasheet HTML 47Page - OSRAM GmbH TMG3992 Datasheet HTML 48Page - OSRAM GmbH TMG3992 Datasheet HTML 49Page - OSRAM GmbH TMG3992 Datasheet HTML 50Page - OSRAM GmbH TMG3992 Datasheet HTML 51Page - OSRAM GmbH TMG3992 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
ams Datasheet
Page 47
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Enable Register (ENABLE 0x80)
The Enable Register is used to power the device ON/OFF, enable
functions and interrupts.
Figure 46:
Enable Register
Note(s):
1. Before enabling Gesture, Proximity, or ALS, all of the bits associated with control of the desired function must be set. Changing
control register values while operating may result in invalid results.
765
432
1
0
PBEN
GEN
PIEN
AIEN
WEN
PEN
AEN
PON
Field
Bits
Description
PBEN
7
Pattern Burst Enable. When asserted, control of the LED driver pin (LDR) is
managed by the IRBeam state machine. When PBEN is set, the proximity
pulse will not be output to the LDR pin.
GEN
6
Gesture Enable. When asserted, the gesture state machine can be activated.
Activation is subject to the states of PEN and GMODE bits.
PIEN
5
Proximity Interrupt Enable. When asserted, permits proximity interrupts to
be generated, subject to the persist filter.
AIEN
4
ALS Interrupt Enable. When asserted, permits ALS interrupts to be
generated, subject to the persistence filter setting.
WEN
3
Wait Enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
PEN
2
Proximity Enable. This bit activates the proximity function. Writing a 1
enables proximity. Writing a 0 disables proximity.
AEN
1
ALS Enable. This bit activates the Color functionality (Ambient Light Sense).
Writing a 1 enables ALS. Writing a 0 disables ALS.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator and puts the part into a low power sleep mode. During
reads and writes over the I²C interface, this bit is temporarily overridden and
the oscillator is enabled, independent of the state of PON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com