Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 56 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 56 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 52Page - OSRAM GmbH CSG14K Datasheet HTML 53Page - OSRAM GmbH CSG14K Datasheet HTML 54Page - OSRAM GmbH CSG14K Datasheet HTML 55Page - OSRAM GmbH CSG14K Datasheet HTML 56Page - OSRAM GmbH CSG14K Datasheet HTML 57Page - OSRAM GmbH CSG14K Datasheet HTML 58Page - OSRAM GmbH CSG14K Datasheet HTML 59Page - OSRAM GmbH CSG14K Datasheet HTML 60Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 55
Figure 58:
Recommended ROI Selection and Resulting Output Image Format in IMG.1 and IMG.4
10-Bit and 12-Bit Short Exposure Modes (IMG.2 and IMG.5)
The 10-bit and 12-bit short exposure modes target the usage of a minimal exposure time.
These modes should only be used when very short exposure times are required. The short
exposure modes have the following limitations:
●
Pipelined exposure is not possible. This means a new exposure cannot be started
when the readout of the previous frame is still ongoing.
●
Shutter lag matching cannot be disabled. This means it is not possible to start exposure
immediately after the exposure request.
The maximum recommended exposure time in the short exposure modes is limited to 100 µs.
For longer exposure times, it is recommended to use the default modes (IMG.1 or IMG.4).
The image readout area and output image format is identical to the default modes (IMG.1 and
IMG.4), as shown in Figure 58.
10-Bit and Small Window Mode (IMG.3)
The 10-bit small window mode result in an increased maximum frame rate when the vertical
ROI is limited. The frame rate increase is achieved by disabling the pixel control signal drivers
in the unused part of the image array, which reduces the required time of the global sample
period.
The small window modes have the following limitations:
●
The vertical ROI is limited to a centered window of maximum 2x200 rows. Rows
outside this centered region cannot be read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com