Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 10 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 6Page - OSRAM GmbH CSG14K Datasheet HTML 7Page - OSRAM GmbH CSG14K Datasheet HTML 8Page - OSRAM GmbH CSG14K Datasheet HTML 9Page - OSRAM GmbH CSG14K Datasheet HTML 10Page - OSRAM GmbH CSG14K Datasheet HTML 11Page - OSRAM GmbH CSG14K Datasheet HTML 12Page - OSRAM GmbH CSG14K Datasheet HTML 13Page - OSRAM GmbH CSG14K Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 9
4
Absolute Maximum Ratings
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings of CSG14K_CSG8K
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD12
Logic Supply Voltage of
digital core
- 0.3
1.7
V
VDD12_PLL
Logic Supply Voltage of
PLL analog
- 0.3
1.7
V
VDD12C
Logic Supply Voltage of
ADC
- 0.3
1.7
V
VDD33D
I/O Supply Voltage for
CMOS I/O’s
- 0.3
3.6
V
VDD33
Main Analog Supply
Voltage
- 0.3
3.6
V
VDDPIX
Pixel Array Supply Voltage
- 0.3
3.6
V
VDD45
Positive Regulators
- 0.3
4.7
V
VSSNEG
Negative Regulators
- 1.5
0.3
V
ISCR
Input Current (latch-up
immunity)
± 100
mA
JEDEC JESD78D Nov 2011
Electrostatic Discharge
ESDHBM
Electrostatic Discharge
HBM
± 2
kV
JS-001-2014
ESDCDM
Electrostatic Discharge
CDM
± 250
V
JEDEC JESD22-C101F Oct
2013
Temperature Ranges and Storage Conditions
TJ
Operating Junction
Temperature
-30
85
°C
TSTRG
Storage Temperature
Range
-30
40
°C
RHNC
Relative Humidity (non-
condensing)
30
60
%
Storage condition
MSL
Moisture Sensitivity Level
3
Represents a maximum floor
life time of 168h
Bump Temperature (soldering)
TPEAK
Peak Temperature
245
°C
Solder Profile in chapter 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com