Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 42 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 38Page - OSRAM GmbH CSG14K Datasheet HTML 39Page - OSRAM GmbH CSG14K Datasheet HTML 40Page - OSRAM GmbH CSG14K Datasheet HTML 41Page - OSRAM GmbH CSG14K Datasheet HTML 42Page - OSRAM GmbH CSG14K Datasheet HTML 43Page - OSRAM GmbH CSG14K Datasheet HTML 44Page - OSRAM GmbH CSG14K Datasheet HTML 45Page - OSRAM GmbH CSG14K Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 41
The figure shows how the Full External control mode can be used to (from top to bottom):
●
Operate the sensor in Sequential Operation mode.
●
Operate the sensor in Pipelined Operation mode, with the parallel exposure extending
beyond the readout phase.
●
Operate the sensor in Pipelined Operation mode, with the parallel exposure ending
together with the readout phase (gives maximum frame rate).
Except for the invalid timings listed in Figure 40 the requests on REQ_EXP and REQ_FRAME
can be freely placed anywhere by the external controller. This will result in the most flexible
external control possible with this sensor (start and end exposure at any possible time, freely
vary exposure time from frame to frame, interrupt frames being read to start a new readout).
Figure 40:
Full External Mode: Invalid Control Timing
#
Invalid Control Timing
Sensor Response
FE_i0
REQ_EXP during GLOB
Will disrupt the GLOB execution, causing the READOUT that
naturally follows the GLOB phase to contain corrupted data.
FE_i1
REQ_FRAME during GLOB
Will initiate a new GLOB, followed by READOUT. Image data in this
READOUT will be corrupt.
FE_i2
2 consecutive REQ_FRAME,
without REQ_EXP in between
Second REQ_FRAME will initiate GLOB followed by READOUT.
Since there has not been EXPOSURE, the image data in the second
frame will be corrupt.
FE_i3
REQ_FRAME when sensor is
IDLE
Same as above: READOUT without EXPOSURE results in corrupted
image.
The table below lists some special cases that are not part of the table above and are
therefore not illegal (though they each do have some consequences)
Figure 41:
Full External Mode: Special Control Timing
#
Special Control Timing
Sensor Response
FE_s0
REQ_EXP during
EXPOSURE
Will initiate a new EXPOSURE, erasing all previously integrated
information. The next REQ_FRAME will initiate a GLOB+READOUT that
will contain image data of only the second EXPOSURE.
FE_s1
REQ_FRAME during
READOUT
Will immediately interrupt the active READOUT to start a new GLOB,
followed by a new READOUT. The image information of the first
READOUT which had not been read will be forever lost. The new
READOUT will be complete and correct (if not violating FE_i2,
Figure 40).
The figure below shows an example of the cases listed in Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com