Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 74 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 74 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 70Page - OSRAM GmbH CSG14K Datasheet HTML 71Page - OSRAM GmbH CSG14K Datasheet HTML 72Page - OSRAM GmbH CSG14K Datasheet HTML 73Page - OSRAM GmbH CSG14K Datasheet HTML 74Page - OSRAM GmbH CSG14K Datasheet HTML 75Page - OSRAM GmbH CSG14K Datasheet HTML 76Page - OSRAM GmbH CSG14K Datasheet HTML 77Page - OSRAM GmbH CSG14K Datasheet HTML 78Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 73
Equation 4:
������������������������_������������ = ������������������������������ (
������������������������_������������������������
������������������������_������������������[������������]
)
Setting register TIME_UNIT to fCLK_PIX [MHz] results in usage of an internal time unit of
approximately 1 µs. The (minimal) frame time and exposure time, as set with the
MIN_FRAME_TIME and EXP_TIME_* registers now represent multiples of ~1 µs.
In case of image mode IMG.4 at nominal data rate, the CLK_PIX frequency is 83.33 MHz
(=1000 MHz / 12). In case register TIME_UNIT is set to 83, this results in a time unit (TU) of
0.996 µs (=83 / 83.33 MHz). Reducing the nominal data rate in this mode slightly to
996 Mbit/s yields a time unit of exactly 1 µs. Similarly (also valid in image mode IMG.4 at
nominal data rate), the table below shows the resulting frame and exposure time in case of a
time unit of ~2.5 µs.
Figure 87:
Example: Relationship Between Exposure and Frame Time to Time Unit in IMG.4.
Register
Default Setting
Equation
Effective
TIME_UNIT
208
208 / fCLK_PIX [MHz]
2.496 µs
MIN_FRAME_TIME
5000
5000 TU
12.84 ms (~100 fps)
EXP_TIME_L
1000
1000 TU
2.496 ms
Frame and exposure time registers are both 16-bit wide, which means that the exposure time
can be specified with a resolution of up to 1/65536 with respect to the frame time.
MIN_FRAME_TIME defines the minimal frame time, in case the minimal frame period is
constrained by the readout, rather than the exposure. The actual frame time is adjusted
automatically by the sensor for longer exposure times, as soon as the exposure time
becomes dominant over the readout time. For the sensor to detect this condition, it needs to
be aware of the duration of the global sampling state (GLOB, refer to Basic Frame Timing in
7.2.6). This is done using the register GLOB_TIME, expressed in TU. Register GLOB_TIME
needs to be set according to the equation below, which depends on the previously set register
GRAN_TG and image mode dependent parameter GLOB_LENGTH (see Figure 62).
Equation 5:
GLOB_TIME = ceil (GLOB_LENGTH ∗
������������������������_������������
������������������������_������������������������
)
Attention
Because the constant global sampling time is expressed in relative time units (TU), whenever
TIME_UNIT is changed, GLOB_TIME must be adapted accordingly (inverse proportional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com