Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 77 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 77 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 73Page - OSRAM GmbH CSG14K Datasheet HTML 74Page - OSRAM GmbH CSG14K Datasheet HTML 75Page - OSRAM GmbH CSG14K Datasheet HTML 76Page - OSRAM GmbH CSG14K Datasheet HTML 77Page - OSRAM GmbH CSG14K Datasheet HTML 78Page - OSRAM GmbH CSG14K Datasheet HTML 79Page - OSRAM GmbH CSG14K Datasheet HTML 80Page - OSRAM GmbH CSG14K Datasheet HTML 81Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 76
Attention
If the above equation is not respected, the sensor behavior is undefined and no warning or error
message is generated. It is the responsibility of the external controller to apply compliant register
settings.
The equation above specifies a minimum frame time. The maximum frame time is only
constrained by the limits of the relevant registers.
Attention
The sensor has an absolute minimal exposure time, which is image mode dependent (see
parameter texp,min in Figure 8 for applicable value).
Maximum Frame Rate Calculation
The maximum frame rate in any user configuration can be calculated with the formula below.
Refer to the previous section for the registers and formulas for the constituting times. The
maximum frame rate per image mode provided in Figure 8.
Equation 7:
������������������������������ ������������������������ =
1
������������������������������ ������������������������
=
1
������������������������������ + ������������������������������
Sequence Length
Figure 91:
Number of Frames Register
Register Name
Bank
Addr
Bits
Description
NROF_FRAMES
4
7
[7:0]
See below
In triggered internal mode (CTRL_MODE = 2), every rising edge on REQ_EXP (through
external pin or register) will initiate the capture of a sequence of frames. The value in the
NROF_FRAMES register at the moment of the rising edge on REQ_EXP will determine the
sequence length.
NROF_FRAMES may be set to any value between 1 and 255. In all other control modes, the
register is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com