Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 4 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 4 Page - OSRAM GmbH

  CSG14K Datasheet HTML 1Page - OSRAM GmbH CSG14K Datasheet HTML 2Page - OSRAM GmbH CSG14K Datasheet HTML 3Page - OSRAM GmbH CSG14K Datasheet HTML 4Page - OSRAM GmbH CSG14K Datasheet HTML 5Page - OSRAM GmbH CSG14K Datasheet HTML 6Page - OSRAM GmbH CSG14K Datasheet HTML 7Page - OSRAM GmbH CSG14K Datasheet HTML 8Page - OSRAM GmbH CSG14K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
Document Feedback
CSG14K_CSG8K
General Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 3
1
General Description
The CSG14K_CSG8K is a high speed CMOS image sensor family developed for machine
vision and video applications. The image array consists of 3.2 µm pipelined global shutter
pixels, which allow exposure during read out, while performing true CDS (Correlated Double
Sampling) operation. The image sensor has 16 sub-LVDS data output channels. Each output
channel runs at up to 1.25 Gbit/s, resulting in a frame rate of 140 fps (CSG14K) or 231 fps
(CSG8K) in full resolution. Higher frame rates can be achieved in row-windowing mode or
row-subsampling mode. These modes are all programmable using the SPI interface. All
internal exposure and read out timings are generated by a programmable on-chip sequencer.
External triggering and exposure programming is also possible. Extended optical dynamic
range can be achieved by a dual exposure HDR (High Dynamic Range) mode. The image
sensor also integrates black level clamping.
1.1
Key Benefits & Features
The benefits and features of CSG14K_CSG8K, 13.8 Mp_8.3 Mp High Speed Global Shutter
CMOS Image Sensor, are listed below:
Figure 1:
Added Value of Using CSG14K_CSG8K
Benefits
Features
High performance applications
13.8 Mp resolution at 140/93.6 fps (CSG14K, 10/12-bit)
8.3 Mp resolution at 231/154 fps (CSG8K, 10/12-bit)
Capture fast moving objects
Global shutter pixel with true Correlated Double
Sampling (true-CDS).
Use in low light conditions
Low noise and high sensitivity with on-chip noise
reduction.
Small camera size
1” optical format in a 20 mm × 22 mm LGA package
(CSG14K).
1/1.1
” optical format in a 20 mm × 22 mm LGA package
(CSG8K).
Operation modes tailored to
application needs
Programmable sensor timing & readout configuration.
1.2
Applications
●
Machine Vision
●
High-End Inspection
●
Video / Broadcast
●
Security



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com