Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 14 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 10Page - OSRAM GmbH CSG14K Datasheet HTML 11Page - OSRAM GmbH CSG14K Datasheet HTML 12Page - OSRAM GmbH CSG14K Datasheet HTML 13Page - OSRAM GmbH CSG14K Datasheet HTML 14Page - OSRAM GmbH CSG14K Datasheet HTML 15Page - OSRAM GmbH CSG14K Datasheet HTML 16Page - OSRAM GmbH CSG14K Datasheet HTML 17Page - OSRAM GmbH CSG14K Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 13
Parameter
Value
Remark
Frame rate(1)
140 fps
93 fps
CSG14K, 10-bit
CSG14K, 12-bit
231 fps
154 fps
CSG8K, 10-bit
CSG8K, 12-bit
Timing generation
On-chip
Possibility to control exposure time through
external pin.
Programmable registers
Sensor parameters
Window coordinates, timing parameters,
exposure time, offset.
HDR mode
Interleaved
2 exposure times for odd/even rows
ADC
10-bit
12-bit
Column ADC
Cover glass
D263Teco
RoHS/REACH
MSL
3
Represents a maximum floor life time of
168 hours
Mass
3.223 g
(1)
Higher frame rate possible in row windowing mode or when operating in 10-bit mode. Based on
recommended pixel area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com