Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 83 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 83 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 79Page - OSRAM GmbH CSG14K Datasheet HTML 80Page - OSRAM GmbH CSG14K Datasheet HTML 81Page - OSRAM GmbH CSG14K Datasheet HTML 82Page - OSRAM GmbH CSG14K Datasheet HTML 83Page - OSRAM GmbH CSG14K Datasheet HTML 84Page - OSRAM GmbH CSG14K Datasheet HTML 85Page - OSRAM GmbH CSG14K Datasheet HTML 86Page - OSRAM GmbH CSG14K Datasheet HTML 87Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 82
Attention
In binning modes, the XSTART address must be even (mono mode) or a multiple of 4 (color mode).
The horizontal ROI configuration supports output channel multiplexing. This allows a user to
read out the same horizontal ROI with a reduced number of output channels. Figure 99 shows
the horizontal ROI settings for all multiplexing options using the recommended ROI.
Figure 99:
Output Channel Multiplexing for Recommended ROI
Mode
XSTART
KSIZE
NR_OUTP
XSUBS(2)
MUX.1
8
IMG.1 - 5: 480
IMG.7: 240
8
IMG.1 - 5: 0
IMG.7: 1
MUX.2(1)
10
IMG.1 - 5: 548
IMG.7: 274
7
IMG.1 - 5: 0
IMG.7: 1
MUX.3
8
IMG.1 - 5: 640
IMG.7: 320
6
IMG.1 - 5: 0
IMG.7: 1
MUX.4
8
IMG.1 - 5: 768
IMG.7: 384
5
IMG.1 - 5: 0
IMG.7: 1
MUX.5
8
IMG.1 - 5: 960
IMG.7: 480
4
IMG.1 - 5: 0
IMG.7: 1
MUX.6
8
IMG.1 - 5: 1280
IMG.7: 640
3
IMG.1 - 5: 0
IMG.7: 1
MUX.7
8
IMG.1 - 5: 1920
IMG.7: 960
2
IMG.1 - 5: 0
IMG.7: 1
MUX.8
8
IMG.1 - 5: 3840
IMG.7: 1920
1
IMG.1 - 5: 0
IMG.7: 1
(1)
In MUX.2 mode, the full horizontal ROI (3840 columns) is slightly reduced (to 3836 columns) to keep an
equal amount of pixels on each data channel. The start column is shifted by two columns to keep the ROI
centered (this is optional).
(2)
XSUBS is set to 0 in normal operation. When using IMG.7 (binning) mode, add 1 to this value. When using
this mode together with subsampling, contact our application engineer.
7.5.5
Subsampling
Mode
Combining both horizontal and vertical subsampling will divide the resolution of the image by
2 in both dimensions as illustrated in Figure 100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com