Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 70 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 70 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 66Page - OSRAM GmbH CSG14K Datasheet HTML 67Page - OSRAM GmbH CSG14K Datasheet HTML 68Page - OSRAM GmbH CSG14K Datasheet HTML 69Page - OSRAM GmbH CSG14K Datasheet HTML 70Page - OSRAM GmbH CSG14K Datasheet HTML 71Page - OSRAM GmbH CSG14K Datasheet HTML 72Page - OSRAM GmbH CSG14K Datasheet HTML 73Page - OSRAM GmbH CSG14K Datasheet HTML 74Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 69
Set Row Length
The ROW_LENGTH register sets the line rate of the sensor. The required setting of this
parameter is dependent on different sensor operation modes
– which are known at this stage
of the configuration procedure.
The maximum frame time is achieved when the ROW_LENGTH register is set to its minimal
allowed value as per below equation.
ROW_LENGTH Register Limitation
Equation 3:
ROW_LENGTH ≥ max(������������������_������������������������������������������������������, ������������������������������ + 12)
Where KSIZE refers to the register value and ROW_LENGTHmin is image mode dependent
(see Figure 62).
Refer to section 7.5.2 for further details on this register.
Set Control Mode
Depending on the selected sensor control mode (see 7.4.2), the following SPI register
settings must be written. Refer to section 7.2.7 for a detailed description of the control modes.
Figure 79:
Control Mode Register
Register
Bank
Address
SEN.1
SEN.2
SEN.3
SEN.4
CTRL_MODE
0
11
0
1
2
3
SEN.1 (Full External) provides maximal freedom to the user as all exposure and frame control
is external to the sensor. It is also the most complex mode, as the user is responsible for
generating correct timing of the request pulses (REQ_EXP and REQ_FRAME). The other
control modes each add a little intelligence to the sensor, making it easier for the user to
control the frame acquisition.
When choosing the sensor control mode, it is important to consider the latency between the
external REQ_EXP request and the start of the first exposure on the image array. The SEN.2,
SEN.3 and SEN.4 control modes all have an additional latency of 1 Time Unit. The SEN.1
control mode does not have this additional latency.
Release Soft Reset
Once the PLLs are locked, the sensor can be released from soft reset and the main clock can
be enabled, by applying the following register write sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com