Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 73 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 73 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 69Page - OSRAM GmbH CSG14K Datasheet HTML 70Page - OSRAM GmbH CSG14K Datasheet HTML 71Page - OSRAM GmbH CSG14K Datasheet HTML 72Page - OSRAM GmbH CSG14K Datasheet HTML 73Page - OSRAM GmbH CSG14K Datasheet HTML 74Page - OSRAM GmbH CSG14K Datasheet HTML 75Page - OSRAM GmbH CSG14K Datasheet HTML 76Page - OSRAM GmbH CSG14K Datasheet HTML 77Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 72
7.5
Configuring Readout and Exposure
7.5.1
Frame Time and Exposure Time
Figure 84:
Frame and Exposure Time Registers
Reg. Name
Bank
Addr
Bits
Description
CTRL_MODE
0
11
[2:0]
Sets the sensor control mode
TIME_UNIT
4
5-6
[13:0]
Unit for frame, glob and exposure time
MIN_FRAME_TIME
4
8-9
[15:0]
Sets the minimal frame time in TIME_UNITs
EXP_TIME_L
4
14-15
[15:0]
Sets the exposure time in TIME_UNITs
GLOB_TIME
4
10
[15:0]
See Equation 5 below
GRAN_TG
3
7
[7:0]
Scale factor dependent on the CLK_PIX period
The table below briefly recaps the exposure and frame time configurability in the various
sensor control modes (see section 7.2.7).
Figure 85:
Sensor Control Modes
CTRL_MODE
Sensor Control
Modes
Mode
Frame Time
Exposure Time
0
SEN.1
Full External
Via external timing
Via external timing
1
SEN.2
Programmed External
Via external timing
Via registers
2
SEN.3
Triggered Internal
Via registers
Via registers
3
SEN.4
Streaming Internal
Via registers
Via registers
Both Frame time and Exposure time are specified via registers in number of Time Units (TU).
The length of a Time Unit (TU) is itself register-programmable in 'number of CLK_PIX cycles'.
The period of CLK_PIX (tCLK_PIX) depends on the output data width as shown in the table
below. The effective data rate (EDR) is set by configuring the PLL (see section 7.4.3).
Figure 86:
CLK_PIX Period [ns] for Different Data Width Modes
Parameter
IMG.1-3
10-bit
IMG.4,5,7
12-bit
tCLK_PIX [ns]
10/EDR [Gbit/s]
12/EDR [Gbit/s]
Register GRAN_TG needs to be scaled with the CLK_PIX period that is used, according to
Equation 4. Parameter GLOB_BASE is image mode dependent (see Figure 62).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com