Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 53 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 49Page - OSRAM GmbH CSG14K Datasheet HTML 50Page - OSRAM GmbH CSG14K Datasheet HTML 51Page - OSRAM GmbH CSG14K Datasheet HTML 52Page - OSRAM GmbH CSG14K Datasheet HTML 53Page - OSRAM GmbH CSG14K Datasheet HTML 54Page - OSRAM GmbH CSG14K Datasheet HTML 55Page - OSRAM GmbH CSG14K Datasheet HTML 56Page - OSRAM GmbH CSG14K Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 52
#
Name
Function
[1]
DVAL
High when there is valid pixel data on DATAx_OUT.
(Stays high for entire row of valid data)
[2]
FVAL
Goes high together with first DVAL of frame. Goes low together with last DVAL of
frame. (Frames valid frame)
[3]
SVAL
High when there is valid statistics data on DATA0_OUT
[4]
OBVAL
High when there is valid OB pixel data on OB_OUT
[5]
EXP_L
High when exposure group 'L' is integrating light
[6]
EXP_S
High when exposure group 'S' is integrating light
[7]
GLOB
High when sensor is in GLOB state
[8]
NSRE
(optional) High when it is Not Safe to Request a new Exposure
[9]
NSRF
(optional) High when it is Not Safe to Request a new Frame
[10:11]
N/A
Always ‘0’
Figure 54 illustrates how the control word is transferred in line with pixel data. At the controller
side, the data on CTR_OUT should be de-serialized like any other data channel. In the
parallel domain, the various bits of the word can be used to extract status information on the
sensor.
The figure below shows the timing of the various bits of the control word in an example frame.
The timing of the bits is shown in the parallel domain. Some remarks concerning the figure:
●
Sensor is in full external control mode
●
Dual exposure time is active (EXP_L is different from EXP_S)
●
Only 2 histograms of image statistics are requested (typically there will be 0, 1 or 5)
●
The frame size (y-window settings) is 3 rows.
●
The optional NSRE and NSRF bits are disabled and not shown. These bits are
discussed in more detail in 7.8.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com