Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 91 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 91 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 87Page - OSRAM GmbH CSG14K Datasheet HTML 88Page - OSRAM GmbH CSG14K Datasheet HTML 89Page - OSRAM GmbH CSG14K Datasheet HTML 90Page - OSRAM GmbH CSG14K Datasheet HTML 91Page - OSRAM GmbH CSG14K Datasheet HTML 92Page - OSRAM GmbH CSG14K Datasheet HTML 93Page - OSRAM GmbH CSG14K Datasheet HTML 94Page - OSRAM GmbH CSG14K Datasheet HTML 95Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 90
Off-Chip OBC
Setting EOB_BYPASS to 1 disables the automatic OBC. BLACK_LEVELADC_OUT is now
specified with register EOB_BYPASS_VALUE. This value is constant and cannot correct for
row noise in the image.
Equation 14:
������������������������������������������_������������������ = ������������������������[������������������������������������_������������������ − ������������������_������������������������������������_������������������������������ + ������������������_������������������������������������]
The theoretical value for register EOB_BYPASS_VALUE is shown in the table below. The
parameter tCLK_PIX can be derived from Figure 86.
Figure 113:
Theoretical Values for Register EOB_BYPASS_VALUE
EOB_BYPASS_VALUE
12.5*tCLK_PIX
Further external or off-chip OBC can be achieved by reading out the OB pixel data (refer to
section 7.8.7).
7.7.2
Digital Gain
Digital gain can be specified for the 4 color channels individually (even/odd columns,
even/odd rows). E.g. GDIG_RE_CO relates to Rows Even and Columns Odd.
The digital gain for each channel is defined by a similar equation:
Equation 15:
������������������������������������������ ������������������������ (������������_������������) = (������������������������_������������_������������ + 1)/16
Base (default) digital gain is set by uploading a value of 15 to GDIG_Rx_Cy. The maximum
digital gain is 16x with GDIG_Rx_Cy at 255. The lowest digital gain is 1/16x with
GDIG_Rx_Cy at 0.
Figure 114:
Digital Gain Registers
Reg. Name
Bank
Addr
Bits
Description
GDIG_RE_CE
4
30
[7:0]
Even Rows & Even Columns
See Equation 15
GDIG_RE_CO
4
31
[7:0]
Even Rows & Odd Columns
See Equation 15
GDIG_RO_CE
4
32
[7:0]
Odd Rows & Even Columns
See Equation 15
GDIG_RO_CO
4
33
[7:0]
Odd Rows & Odd Columns
See Equation 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com