Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 75 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 75 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 71Page - OSRAM GmbH CSG14K Datasheet HTML 72Page - OSRAM GmbH CSG14K Datasheet HTML 73Page - OSRAM GmbH CSG14K Datasheet HTML 74Page - OSRAM GmbH CSG14K Datasheet HTML 75Page - OSRAM GmbH CSG14K Datasheet HTML 76Page - OSRAM GmbH CSG14K Datasheet HTML 77Page - OSRAM GmbH CSG14K Datasheet HTML 78Page - OSRAM GmbH CSG14K Datasheet HTML 79Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 74
Dual Exposure HDR
Figure 88:
HDR Registers
Reg. Name
Bank
Addr
Bits
Description
DUAL_EXPOSURE
4
12
[0]
0: Dual Exposure off
1: Dual exposure on
DUAL_EXP_GROUPING
4
13
[0]
0: Default grouping (mono)
1: Paired grouping (color)
EXP_TIME_L
4
14-15
[15:0]
Exposure Time of group L
EXP_TIME_S
4
16-17
[15:0]
Exposure Time of group S
In dual exposure mode, one image can have 2 different exposure times, divided in 2 row
groups. In the camera system, this image can be translated into an HDR image containing
both details in dark and bright areas.
In the effective pixel array, the pixels are split into two exposure groups. When
DUAL_EXP_GROUPING is set low:
●
Exposure group S: All pixels of rows 0+4i and 2+4i
●
Exposure group L: All pixels of rows 1+4i and 3+4i
When DUAL_EXP_GROUPING is set high, the exposure groups use adjacent row pairs:
●
Exposure group S: All pixels of rows 0+4i and 1+4i
●
Exposure group L: All pixels of rows 2+4i and 3+4i
The latter should be used in color mode, keeping the Bayer pattern complete. Figure 89
shows how the rows of the pixel array are divided into two exposure groups.
Figure 89:
Dual Exposure Grouping
When DUAL_EXPOSURE is set low, the exposure time of all pixels is set with EXP_TIME_L.
When the register is set high, the exposure time of the two groups can be set independently
with EXP_TIME_S and EXP_TIME_L.
Row 0
Row 1
Row 2
Row 3
Row 0
Row 1
Row 2
Row 3
DUAL_EXP_GROUPING = 0
DUAL_EXP_GROUPING = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com