Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 20 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 16Page - OSRAM GmbH CSG14K Datasheet HTML 17Page - OSRAM GmbH CSG14K Datasheet HTML 18Page - OSRAM GmbH CSG14K Datasheet HTML 19Page - OSRAM GmbH CSG14K Datasheet HTML 20Page - OSRAM GmbH CSG14K Datasheet HTML 21Page - OSRAM GmbH CSG14K Datasheet HTML 22Page - OSRAM GmbH CSG14K Datasheet HTML 23Page - OSRAM GmbH CSG14K Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 19
Figure 13:
CSG8K Pixel Array
The physical resolution of the complete pixel array is 4037 (H) × 3720 (V) pixels.
The resolution of the active pixel array is 3856 (H) × 2176 (V) pixels. This is further split into a
ring of 8 pixels on every side for color reconstruction and an optically centered recommended
pixel array with a resolution of 3840 (H) × 2160 (V) pixels. The recommended array is
12.29 mm × 6.91 mm, which is a 1/1.1
” optical format.
Micro-lenses are placed on the pixels for improved quantum efficiency.
7.1.2
Analog Front End
The analog front end consists of circuitry to prepare the signal for ADC conversion also called
the sample & hold stage (S&H).
7.1.3
ADC
The column ADC converts the analog pixel value to a 10/12-bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com