Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 69 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 69 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 65Page - OSRAM GmbH CSG14K Datasheet HTML 66Page - OSRAM GmbH CSG14K Datasheet HTML 67Page - OSRAM GmbH CSG14K Datasheet HTML 68Page - OSRAM GmbH CSG14K Datasheet HTML 69Page - OSRAM GmbH CSG14K Datasheet HTML 70Page - OSRAM GmbH CSG14K Datasheet HTML 71Page - OSRAM GmbH CSG14K Datasheet HTML 72Page - OSRAM GmbH CSG14K Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 68
A distinction should be made between the amount of used output channels and the amount of
active output channels. The amount of used output channels refers to the amount of channels
that is used for full horizontal ROI readout. The amount of active output channels refers to the
amount of channels that are actively outputting pixel data. Depending on the horizontal ROI
settings, the amount of active channels is either equal to or less than the amount of used
output channels. More information on configuring the horizontal ROI can be found in section
7.5.4.
Typically, all of the sensor’s output channels are used. The amount of used channels may be
reduced for the following reasons:
●
Power saving. By limiting the number of used output channels, all unused output
channels are automatically powered down.
●
The receiving system is IO-limited and cannot capture all output channels at once.
The amount of used output channels is set with the MAX_NR_OUTP register as shown in
Figure 77.
Figure 77:
MAX_NR_OUTP Register
MAX_NR_OUTP
(bank 0, address 14)
Amount of Used Data Channels
1
1 (per side)
2
2 (per side)
3
3 (per side)
4
4 (per side)
5
5 (per side)
6
6 (per side)
7
7 (per side)
8
8 (per side)
The required power-up sequence of the output drivers is shown in Figure 78.
Figure 78:
Power-Up Sequence of Output Drivers
#
Register
Bank
Address
Value
1
DATA_CH_CTRL
3
74
1026
2
CLK_CH_CTRL
3
78
1026
3
Wait at least 1 ms
4
DATA_CH_ENA
3
77
1
5
CLK_CH_ENA
3
81
1
6
CLK_CH_EN_DRIVE
3
82
1
7
DATA_CH_EN_DRIVE(1)
4
35
1
(1)
This register should be written in both sensor context banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com