Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K Datasheet(PDF) 79 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 79 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 75Page - OSRAM GmbH CSG14K Datasheet HTML 76Page - OSRAM GmbH CSG14K Datasheet HTML 77Page - OSRAM GmbH CSG14K Datasheet HTML 78Page - OSRAM GmbH CSG14K Datasheet HTML 79Page - OSRAM GmbH CSG14K Datasheet HTML 80Page - OSRAM GmbH CSG14K Datasheet HTML 81Page - OSRAM GmbH CSG14K Datasheet HTML 82Page - OSRAM GmbH CSG14K Datasheet HTML 83Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 78
The row length has a minimum value because a number of parallel processes in the sensor
need to be completed within one row time. The minimal row length depends on the number of
outputs used (see equations in section 7.4.3).
The maximal row length value is only constrained by the 14 bits size of register.
Fine frame rate adjustments are done through external timing or with the FRAME_TIME
register. Changing the row length only influences the DVAL frequency within a readout
sequence. This can be useful when smaller or slower row buffers are used in the external
system.
An exception to this rule is the in-line streaming mode, where the ROW_LENGTH register
does directly alter the frame rate.
7.5.3
Vertical Windowing
The sensor supports multiple windows in the vertical direction to create regions of interest
(ROI).
Row Addressing
As introduced in section 7.1.1, the sensor has buffer pixels rows above and below the
effective pixels.
Every row in the array is paired with a physical row address. This row address is used to
specify vertical ROI positions as described in next section.
Row addresses are assigned in ascending order starting from 0 for the row closest to the
package pin row 1.
Figure 94:
Valid Row Addresses
Region
Row Address Range
(14 K)
Row Address Range
(8 K)
Active pixels
60 … 3659
772 … 2947
Recommended pixels
68 … 3651
780 … 2939
Bottom buffer pixels
0 … 59
0 … 59
Top buffer pixels
3660 … 3719
3660 … 3719
ROI Settings
The sensor allows up to 10 vertical windows to be concatenated in one single frame readout.
Each of these windows is enabled by setting their bit in YWIN_ENA
to ‘1’ (bit [0] = YWIN0, [1]
= YWIN1
…).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com